PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MAX1135BEAP MAX1134 MAX1134BCAP MAX1134BEAP MAX113 |
16-Bit ADCs / 150ksps / 3.3V Single Supply From old datasheet system Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 16-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 16-Bit ADCs.150ksps.3.3V Single Supply 150ksps6位ADC.3V单电源供
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
LPC2478FET208551 LPC247808 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface, SOT950-1 (TFBGA208), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA208
|
NXP Semiconductors N.V.
|
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
LPC2458FET180551 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface; Package: SOT570-2 (TFBGA180); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA180
|
NXP Semiconductors N.V.
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
UPD17132GT-XXX UPD17133GT-XXX UPD17121GT-XXX UPD17 |
(UPD17120 - UPD17133) 4-Bit Single-Chip Microcontroller (UPD17133) 4 Bit Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
NEC Corp. NEC Electronics NEC, Corp.
|